Part Number Hot Search : 
L7104PGC TP6N60 2SD25 81KZF 2SC3419 LTC1054 MC34114P TPM401
Product Description
Full Text Search
 

To Download LV3045FCT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  LV3045FCT rev.f mar.-2016 data sheet http://www.fsbrec.com 1 / 6 to-220f ?? ?? schottky barrier diode in a to-220f plastic package.  ???  low forward voltage drop,low power losses,high efficiency operation. ????or-ing ?dc-dc ?????  for use in high frequency inverters, switching power supplies, freewheeling diodes, or-ing diode, dc-to-dc converters and re verse battery protection. pin1 anode pin 2 cathode pin 3 anode ?? / h fe classifications & marking ?? see marking instructions. / descriptions / features ? / applications ? / equivalent circuit / pinning 3 2 1
LV3045FCT rev.f mar.-2016 data sheet http://www.fsbrec.com 2 / 6 parameter symbol ? rating unit peak repetitive reverse voltage v rrm 45 v average rectified forward current(total) i f(av) 2 15 a non repetitive peak surge current i fsm 250 a thermal resistance junction to case r jc 3.5 /w junction and storage temperature range t j t stg -40 +150 parameter symbol test conditions ? min ? typ ? max unit breakdown voltage v br i r =1ma(ta=25 ) 45 v forward voltage v f i f =5a(ta=25 ) 0.38 0.45 v i f =15a(ta=25 ) 0.48 0.55 v i f =5a(ta=125 ) 0.28 0.35 v i f =15a(ta=125 ) 0.45 0.50 v instantaneous reverse cur r ent i r note 1 v r =45v(ta=25 ) 200 a v r =45v(ta=125 ) 40 100 ma ?/notes 1. ??????? short duration pulse test used to minimize self-heating effect. 2. ??????? unless otherwise noted, values for the parameters of a single chip ? / absolute maximum ratings(ta=25 ) ? / electrical characteristics(ta=25 )
LV3045FCT rev.f mar.-2016 data sheet http://www.fsbrec.com 3 / 6 ? / electrical characteristic curve ifsm 0 25 50 75 100 125 150 175 200 225 250 275 300 0 102030405060708090100 no.of cycles at 60hz peak forward surge current-(a) 8.3ms single half sine wave jedec method ir - vr 0.01 0.1 1 10 100 0 1020304050 vr(v) ir(ma) ta=125 ta=25 if - tc 0 5 10 15 20 25 30 35 25 50 75 100 125 150 175 tc if(a) if - vf 0.1 1 10 100 0 0.2 0.4 0.6 0.8 vf(v) if(a) ta=125 ta=25
LV3045FCT rev.f mar.-2016 data sheet http://www.fsbrec.com 4 / 6 ?? / package dimensions
LV3045FCT rev.f mar.-2016 data sheet http://www.fsbrec.com 5 / 6 ?? / marking instructions ? br    ?? lv3045  ??? f:    ?? ct:     ??? ****   ???? note: br: company code lv3045: product type. f: package code ct: internal structure ****: lot no. code, code change with lot no. br **** lv3045 fct
LV3045FCT rev.f mar.-2016 data sheet http://www.fsbrec.com 6 / 6 ??? ( ? ) / temperature profile for dip soldering(pb-free) ? note: 1 ?? 25 150 ? 60 90sec; 1.preheating:25~150 , time:60~90sec. 2 ?? 255 5 ?? 5 0.5sec; 2.peak temp.:255 5 , duration:5 0.5sec. 3 ???? 2 10 /sec. 3. cooling speed: 2~10 /sec. ? / resistance to soldering heat test conditions ?? 270 5 ?? 10 1 sec. temp.:2705 time:101 sec ? / packaging spec. ?? / bulk package type ?? units ? dimension ?? (unit mm 3 ) units/bag ? / bags/inner box / units/inner box ? / inner boxes/outer box / units/outer box ? / bag inner box outer box to-220/f 200 10 2,000 5 10,000 135190 237172102 560245195 ??? / tube package type ?? units ? dimension ?? (unit mm 3 ) units/tube ? / ? tubes/inner box ? / units/inner box ? / inner boxes/outer box / units/outer box ? / tube ? inner box outer box to-220/f 50 20 1,000 5 5,000 53231.45.5 55516450 575290180 ?? / notices


▲Up To Search▲   

 
Price & Availability of LV3045FCT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X